Part Number Hot Search : 
4ALVC 2V220 PI3039 BUJ302AD LM331 P2N60 LM324 74HC14
Product Description
Full Text Search
 

To Download NCP1117ST12T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 november, 2009 ? rev. 21 1 publication order number: ncp1117/d ncp1117, ncv1117 1.0 a low-dropout positive fixed and adjustable voltage regulators the ncp1117 series are low dropout positive voltage regulators that are capable of providing an output current that is in excess of 1.0 a with a maximum dropout voltage of 1.2 v at 800 ma over temperature. this series contains nine fixed output voltages of 1.5 v, 1.8 v, 1.9 v, 2.0 v, 2.5 v, 2.85 v, 3.3 v, 5.0 v, and 12 v that have no minimum load requirement to maintain regulation. also included is an adjustable output version that can be programmed from 1.25 v to 18.8 v with two external resistors. on chip trimming adjusts the reference/output voltage to within 1.0% accuracy. internal protection features consist of output current limiting, safe operating area compensation, and thermal shutdown. the ncp1117 series can operate with up to 20 v input. devices are available in sot ? 223 and dpak packages. features ? output current in excess of 1.0 a ? 1.2 v maximum dropout voltage at 800 ma over temperature ? fixed output voltages of 1.5 v, 1.8 v, 1.9 v, 2.0 v, 2.5 v, 2.85 v, 3.3 v, 5.0 v, and 12 v ? adjustable output voltage option ? no minimum load requirement for fixed voltage output devices ? reference/output voltage trimmed to 1.0% ? current limit, safe operating and thermal shutdown protection ? operation to 20 v input ? ncv prefix for automotive and other applications requiring site and control changes ? pb ? free packages are available applications ? consumer and industrial equipment point of regulation ? active scsi termination for 2.85 v version ? switching power supply post regulation ? hard drive controllers ? battery chargers 10  f 1 2 output 10  f 3 input ncp1117 xtxx ++ figure 1. fixed output regulator 10  f 1 2 output 10  f 3 input ncp1117 xta ++ figure 2. adjustable output regulator 22  f 1 2 10  f 3 ncp1117 xt285 ++ 110  110  110  110  4.75 v to 5.25 v + 18 to 27 lines figure 3. active scsi bus terminator typical applications sot ? 223 st suffix case 318h 1 3 dpak dt suffix case 369c pin: 1. adjust/ground 2. output 3. input 1 3 heatsink tab is connected to pin 2. see detailed ordering and shipping information in the package dimensions section on pages 12 and 12 of this data sheet. ordering information see general marking information in the device marking section on page 15 of this data sheet. device marking information 1 23 1 2 3 ta b ta b (top view) (top view) http://onsemi.com
ncp1117, ncv1117 http://onsemi.com 2 maximum ratings rating symbol value unit input voltage (note 1) v in 20 v output short circuit duration (notes 2 and 3) ? infinite ? power dissipation and thermal characteristics case 318h (sot ? 223) power dissipation (note 2) thermal resistance, junction ? to ? ambient, minimum size pad thermal resistance, junction ? to ? case case 369a (dpak) power dissipation (note 2) thermal resistance, junction ? to ? ambient, minimum size pad thermal resistance, junction ? to ? case p d r  ja r  jc p d r  ja r  jc internally limited 160 15 internally limited 67 6.0 w c/w c/w w c/w c/w maximum die junction temperature range t j ? 55 to 150 c storage temperature range t stg ? 65 to 150 c operating ambient temperature range ncp1117 ncv1117 t a 0 to +125 ? 40 to +125 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. this device series contains esd protection and exceeds the following tests: human body model (hbm), class 2, 2000 v machine model (mm), class b, 200 v charge device model (cdm), class iv, 2000 v. 2. internal thermal shutdown protection limits the die temperature to approximately 175 c. proper heatsinking is required to prevent activation. the maximum package power dissipation is: p d  t j(max)  t a r  ja 3. the regulator output current must not exceed 1.0 a with v in greater than 12 v.
ncp1117, ncv1117 http://onsemi.com 3 electrical characteristics (c in = 10  f, c out = 10  f, for typical value t a = 25 c, for min and max values t a is the operating ambient temperature range that applies unless otherwise noted. (note 4) characteristic symbol min typ max unit reference voltage, adjustable output devices (v in ?v out = 2.0 v, i out = 10 ma, t a = 25 c) (v in ?v out = 1.4 v to 10 v, i out = 10 ma to 800 ma) (note 4) v ref 1.238 1.225 1.25 ? 1.262 1.270 v output voltage, fixed output devices 1.5 v (v in = 3.5 v, i out = 10 ma, t a = 25 c) (v in = 2.9 v to 11.5 v, i out = 0 ma to 800 ma) (note 4) 1.8 v (v in = 3.8 v, i out = 10 ma, t a = 25 c) (v in = 3.2 v to 11.8 v, i out = 0 ma to 800 ma) (note 4) 1.9 v (v in = 3.9 v, i out = 10 ma, t a = 25 c) (v in = 3.3 v to 11.9 v, i out = 0 ma to 800 ma) (note 4) 2.0 v (v in = 4.0 v, i out = 10 ma, t a = 25 c) (v in = 3.4 v to 12 v, i out = 0 ma to 800 ma) (note 4) 2.5 v (v in = 4.5 v, i out = 10 ma, t a = 25 c) (v in = 3.9 v to 10 v, i out = 0 ma to 800 ma,) (note 4) 2.85 v (v in = 4.85 v, i out = 10 ma, t a = 25 c) (v in = 4.25 v to 10 v, i out = 0 ma to 800 ma) (note 4) (v in = 4.0 v, i out = 0 ma to 500 ma) (note 4) 3.3 v (v in = 5.3 v, i out = 10 ma, t a = 25 c) (v in = 4.75 v to 10 v, i out = 0 ma to 800 ma) (note 4) 5.0 v (v in = 7.0 v, i out = 10 ma, t a = 25 c) (v in = 6.5 v to 12 v, i out = 0 ma to 800 ma) (note 4) 12 v (v in = 14 v, i out = 10 ma, t a = 25 c) (v in = 13.5 v to 20 v, i out = 0 ma to 800 ma) (note 4) v out 1.485 1.470 1.782 1.755 1.872 1.862 1.970 1.960 2.475 2.450 2.821 2.790 2.790 3.267 3.235 4.950 4.900 11.880 11.760 1.500 ? 1.800 ? 1.900 1.900 2.000 ? 2.500 ? 2.850 ? ? 3.300 ? 5.000 ? 12.000 ? 1.515 1.530 1.818 1.845 1.929 1.938 2.030 2.040 2.525 2.550 2.879 2.910 2.910 3.333 3.365 5.050 5.100 12.120 12.240 v line regulation (note 5) adjustable (v in = 2.75 v to 16.25 v, i out = 10 ma) reg line ? 0.04 0.1 % 1.5 v (v in = 2.9 v to 11.5 v, i out = 0 ma) 1.8 v (v in = 3.2 v to 11.8 v, i out = 0 ma) 1.9 v (v in = 3.3 v to 11.9 v, i out = 0 ma) 2.0 v (v in = 3.4 v to 12 v, i out = 0 ma) 2.5 v (v in = 3.9 v to 10 v, i out = 0 ma) 2.85 v (v in = 4.25 v to 10 v, i out = 0 ma) 3.3 v (v in = 4.75 v to 15 v, i out = 0 ma) 5.0 v (v in = 6.5 v to 15 v, i out = 0 ma) 12 v (v in = 13.5 v to 20 v, i out = 0 ma) ? ? ? ? ? ? ? ? ? 0.3 0.4 0.5 0.5 0.5 0.8 0.8 0.9 1.0 1.0 1.0 2.5 2.5 2.5 3.0 4.5 6.0 7.5 mv load regulation (note 5) adjustable (i out = 10 ma to 800 ma, v in = 4.25 v) reg line ? 0.2 0.4 % 1.5 v (i out = 0 ma to 800 ma, v in = 2.9 v) 1.8 v (i out = 0 ma to 800 ma, v in = 3.2 v) 1.9 v (i out = 0 ma to 800 ma, v in = 3.3 v) 2.0 v (i out = 0 ma to 800 ma, v in = 3.4 v) 2.5 v (i out = 0 ma to 800 ma, v in = 3.9 v) 2.85 v (i out = 0 ma to 800 ma, v in = 4.25 v) 3.3 v (i out = 0 ma to 800 ma, v in = 4.75 v) 5.0 v (i out = 0 ma to 800 ma, v in = 6.5 v) 12 v (i out = 0 ma to 800 ma, v in = 13.5 v) ? ? ? ? ? ? ? ? ? 2.3 2.6 2.7 3.0 3.3 3.8 4.3 6.7 16 5.5 6.0 6.0 6.0 7.5 8.0 10 15 28 mv 4. ncp1117: t low = 0 c , t high = 125 c ncv1117: t low = ? 40 c, t high = 125 c 5. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
ncp1117, ncv1117 http://onsemi.com 4 electrical characteristics (c in = 10  f, c out = 10  f, for typical value t a = 25 c, for min and max values t a is the operating ambient temperature range that applies unless otherwise noted. (note 6) characteristic symbol min typ max unit dropout voltage (measured at v out ? 100 mv) (i out = 100 ma) (i out = 500 ma) (i out = 800 ma) v in ? v out ? ? ? 0.95 1.01 1.07 1.10 1.15 1.20 v output current limit (v in ? v out = 5.0 v, t a = 25 c, note 7) i out 1000 1500 2200 ma minimum required load current for regulation, adjustable output devices (v in = 15 v) i l(min) ? 0.8 5.0 ma quiescent current 1.5 v (v in = 11.5 v) 1.8 v (v in = 11.8 v) 1.9 v (v in = 11.9 v) 2.0 v (v in = 12 v) 2.5 v (v in = 10 v) 2.85 v (v in = 10 v) 3.3 v (v in = 15 v) 5.0 v (v in = 15 v) 12 v (v in = 20 v) i q ? ? ? ? ? ? ? ? ? 3.6 4.2 4.3 4.5 5.2 5.5 6.0 6.0 6.0 10 10 10 10 10 10 10 10 10 ma thermal regulation (t a = 25 c, 30 ms pulse) ? 0.01 0.1 %/w ripple rejection (v in ? v out = 6.4 v, i out = 500 ma, 10 v pp 120 hz sinewave) adjustable 1.5 v 1.8 v 1.9 v 2.0 v 2.5 v 2.85 v 3.3 v 5.0 v 12 v rr 67 66 66 66 64 62 62 60 57 50 73 72 70 72 70 68 68 64 61 54 ? ? ? ? ? ? ? ? ? ? db adjustment pin current (v in = 11.25 v, i out = 800 ma) i adj ? 52 120  a adjust pin current change (v in ? v out = 1.4 v to 10 v, i out = 10 ma to 800 ma)  i adj ? 0.4 5.0  a temperature stability s t ? 0.5 ? % long term stability (t a = 25 c, 1000 hrs end point measurement) s t ? 0.3 ? % rms output noise (f = 10 hz to 10 khz) n ? 0.003 ? %v out 6. ncp1117: t low = 0 c , t high = 125 c ncv1117: t low = ? 40 c, t high = 125 c 7. the regulator output current must not exceed 1.0 a with v in greater than 12 v.
ncp1117, ncv1117 http://onsemi.com 5 v in ? v out , dropout voltage (v) t a , ambient temperature ( c) i adj , adjust pin current (  a) i out = 10 ma 0 20 40 60 80 100 figure 4. output voltage change vs. temperature figure 5. dropout voltage vs. output current figure 6. output short circuit current vs. differential voltage figure 7. output short circuit current vs. temperature figure 8. adjust pin current vs. temperature figure 9. quiescent current change vs. temperature 0 0.5 1.0 1.5 2.0 0 2 4 6 8 101214161820 load pulsed at 1.0% duty cycle v in ? v out , voltage differential (v) i out , output current (a) t j = 25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 200 400 600 800 1000 load pulsed at 1.0% duty cycle i out , output current (ma) t j = ? 40 c t j = 25 c t j = 125 c v out , output voltage change (%) ? 2.0 ? 1.5 ? 1.0 ? 0.5 0 0.5 1.0 1.5 2.0 ? 50 ? 25 0 25 50 75 100 125 150 t a , ambient temperature ( c) v in = v out + 3.0 v i out = 10 ma adj, 1.5 v, 1.8 v, 2.0 v, 2.5 v 2.85 v, 3.3 v, 5.0 v, 12.0 v 1.0 1.2 1.4 1.6 1.8 2.0 ? 50 ? 25 0 25 50 75 100 125 150 ? 20 ? 15 ? 10 ? 5.0 0 5.0 10 ? 50 ? 25 0 25 50 75 100 125 150 t a , ambient temperature ( c) i out , output current (a) v in = 5.0 v load pulsed at 1.0% duty cycle t a , ambient temperature ( c) i q, quiescent current change (%) ? 50 ? 25 0 25 50 75 100 125 150
ncp1117, ncv1117 http://onsemi.com 6 0 20 40 60 80 100 10 100 1.0 k 10 k 100 k 0 20 40 60 80 100 0 200 400 600 800 1000 i out , output current (ma) rr, ripple rejection (db) f ripple = 20 khz v ripple  0.5 v p ? p v out = 5.0 v v in ? v out = 3.0 v c out = 10  f c adj = 25  f t a = 25 c f ripple , ripple frequency (hz) rr, ripple rejection (db) v out = 5.0 v v in ? v out = 3.0 v i out = 0.5 a c out = 10  f c adj = 25  f, f > 60 hz v ripple  3.0 v p ? p v ripple  0.5 v p ? p v in ? v out  3.0 v figure 10. ncp1117xta ripple rejection vs. output current figure 11. ncp1117xta ripple rejection vs. frequency figure 12. output capacitance vs. esr figure 13. typical esr vs. output current f ripple = 120 hz v ripple  3.0 v p ? p v in ? v out  v dropout c adj = 200  f, f  60 hz t a = 25 c 0.1 1 10 100 0.001 0.01 0.1 1 10 esr, equivalent series resistance (  ) output capacitance (  f) v in = 3.0 v v out = 1.25 v i load = 5 ma ? 1 a c in = 10  f mlcc t j = 25 c region of instability region of stability 0.01 0.1 1 10 0 100 500 900 1000 i out , output current (ma) esr, equivalent series resistance (  ) v in = 3.0 v v out = 1.25 v c in = 10  f mlcc c out = 10  f t j = 25 c region of instability region of stability 200 600 300 700 400 800 0 50e ? 9 100e ? 9 150e ? 9 200e ? 9 250e ? 9 10 100 1.0 k 10 k 100 k frequency (hz) v/sqrt (hz) c in = 10  f tantalum c out = 10  f tantalum v in ? v out = 3.0 v figure 14. output spectral noise density vs. frequency, v out = 1v5 300e ? 9 350e ? 9 1 a 0.5 a 0.1 a
ncp1117, ncv1117 http://onsemi.com 7 t, time (  s) ? 20 0 7.5 6.5 0 40 80 120 160 output voltage deviation (mv) input voltage (v) 200 20 figure 15. ncp1117xt285 line transient response figure 16. ncp1117xt285 load transient response figure 17. ncp1117xt50 line transient response figure 18. ncp1117xt50 load transient response c in = 10  f c out = 10  f v in = 6.5 v preload = 0.1 a t a = 25 c t, time (  s) 0 0.5 0 0.1 ? 0.1 0 40 80 120 160 load current change (a) output voltage deviation (v) 200 c in = 10  f c out = 10  f v in = 4.5 v preload = 0.1 a t a = 25 c t, time (  s) 0 0.5 0 0.1 ? 0.1 0 40 80 120 160 load current change (a) output voltage deviation (v) 200 t, time (  s) ? 20 0 5.25 4.25 0 40 80 120 160 output voltage deviation (mv) input voltage (v) 200 c in = 1.0  f c out = 10  f i out = 0.1 a t a = 25 c 20 c in = 1.0  f c out = 10  f i out = 0.1 a t a = 25 c figure 19. ncp1117xt12 line transient response figure 20. ncp1117xt12 load transient response t, time (  s) c in = 10  f c out = 10  f v in = 13.5 v preload = 0.1 a t a = 25 c 0 0.5 0 0.1 ? 0.1 0 40 80 120 160 200 load current change (a) output voltage deviation (v) t, time (  s) ? 20 0 14.5 13.5 0 40 80 120 160 output voltage deviation (mv) input voltage (v) 200 20 c in = 1.0  f c out = 10  f i out = 0.1 a t a = 25 c
ncp1117, ncv1117 http://onsemi.com 8 60 80 100 120 140 160 180 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0102030 25 15 5.0 l, length of copper (mm) p d(max) for t a = 50 c 40 50 60 70 80 90 100 0102030 25 15 5.0 l, length of copper (mm) 0.6 0.8 1.0 1.2 1.4 1.6 figure 21. sot ? 223 thermal resistance and maximum power dissipation vs. p.c.b. copper length r  ja , thermal resistance, junction ? to ? air ( cw) p d , maximum power dissipation (w) r  ja , thermal resistance, junction ? to ? air ( cw) 0.4 figure 22. dpak thermal resistance and maximum power dissipation vs. p.c.b. copper length minimum size pad p d , maximum power dissipation (w) l ???? ???? ???? ????  ja minimum size pad p d(max) for t a = 50 c l r  ja l l 2.0 oz. copper ??? ??? ???
ncp1117, ncv1117 http://onsemi.com 9 applications information introduction the ncp1117 features a significant reduction in dropout voltage along with enhanced output voltage accuracy and temperature stability when compared to older industry standard three ? terminal adjustable regulators. these devices contain output current limiting, safe operating area compensation and thermal shutdown protection making them designer friendly for powering numerous consumer and industrial products. the ncp1117 series is pin compatible with the older lm317 and its derivative device types. output voltage the typical application circuits for the fixed and adjustable output regulators are shown in figures 23 and 24. the adjustable devices are floating voltage regulators. they develop and maintain the nominal 1.25 v reference voltage between the output and adjust pins. the reference voltage is programmed to a constant current source by resistor r1, and this current flows through r2 to ground to set the output voltage. the programmed current level is usually selected to be greater than the specified 5.0 ma minimum that is required for regulation. since the adjust pin current, i adj , is significantly lower and constant with respect to the programmed load current, it generates a small output voltage error that can usually be ignored. for the fixed output devices r1 and r2 are included within the device and the ground current i gnd , ranges from 3.0 ma to 5.0 ma depending upon the output voltage. external capacitors input bypass capacitor c in may be required for regulator stability if the device is located more than a few inches from the power source. this capacitor will reduce the circuit?s sensitivity when powered from a complex source impedance and significantly enhance the output transient response. the input bypass capacitor should be mounted with the shortest possible track length directly across the regulator?s input and ground terminals. a 10  f ceramic or tantalum capacitor should be adequate for most applications. figure 23. fixed output regulator 1 2 output 3 input ncp1117 xtxx ++ c out c in i gnd frequency compensation for the regulator is provided by capacitor c out and its use is mandatory to ensure output stability. a minimum capacitance value of 4.7  f with an equivalent series resistance (esr) that is within the limits of 33 m  (typ) to 2.2  is required. see figures 12 and 13. the capacitor type can be ceramic, tantalum, or aluminum electrolytic as long as it meets the minimum capacitance value and esr limits over the circuit?s entire operating temperature range. higher values of output capacitance can be used to enhance loop stability and transient response with the additional benefit of reducing output noise. figure 24. adjustable output regulator 1 2 output 3 input ncp1117 xta ++ c out c in i adj r2 + c adj v ref r1 v out  v ref  1  r2 r1   i adj r2 the output ripple will increase linearly for fixed and adjustable devices as the ratio of output voltage to the reference voltage increases. for example, with a 12 v regulator, the output ripple will increase by 12 v/1.25 v or 9.6 and the ripple rejection will decrease by 20 log of this ratio or 19.6 db. the loss of ripple rejection can be restored to the values shown with the addition of bypass capacitor c adj , shown in figure 24 . the reactance of c adj at the ripple frequency must be less than the resistance of r1. the value of r1 can be selected to provide the minimum required load current to maintain regulation and is usually in the range of 100  to 200  . c adj 1 2  f ripple r1 the minimum required capacitance can be calculated from the above formula. when using the device in an application that is powered from the ac line via a transformer and a full wave bridge, the value for c adj is: f ripple  120 hz, r1  120  , then c adj 11.1  f the value for c adj is significantly reduced in applications where the input ripple frequency is high. if used as a post regulator in a switching converter under the following conditions: f ripple  50 khz, r1  120  , then c adj 0.027  f figures 10 and 11 shows the level of ripple rejection that is obtainable with the adjust pin properly bypassed.
ncp1117, ncv1117 http://onsemi.com 10 protection diodes the ncp1117 family has two internal low impedance diode paths that normally do not require protection when used in the typical regulator applications. the first path connects between v out and v in , and it can withstand a peak surge current of about 15 a. normal cycling of v in cannot generate a current surge of this magnitude. only when v in is shorted or crowbarred to ground and c out is greater than 50  f, it becomes possible for device damage to occur. under these conditions, diode d1 is required to protect the device. the second path connects between c adj and v out , and it can withstand a peak surge current of about 150 ma. protection diode d2 is required if the output is shorted or crowbarred to ground and c adj is greater than 1.0  f. figure 25. protection diode placement 1 2 output 3 input ncp1117 xta ++ c out c in r2 + c adj r1 1n4001 d1 d2 1n4001 a combination of protection diodes d1 and d2 may be required in the event that v in is shorted to ground and c adj is greater than 50  f. the peak current capability stated for the internal diodes are for a time of 100  s with a junction temperature of 25 c. these values may vary and are to be used as a general guide. load regulation the ncp1117 series is capable of providing excellent load regulation; but since these are three terminal devices, only partial remote load sensing is possible. there are two conditions that must be met to achieve the maximum available load regulation performance. the first is that the top side of programming resistor r1 should be connected as close to the regulator case as practicable. this will minimize the voltage drop caused by wiring resistance rw + from appearing in series with reference voltage that is across r1. the second condition is that the ground end of r2 should be connected directly to the load. this allows true kelvin sensing where the regulator compensates for the voltage drop caused by wiring resistance rw ? . figure 26. load sensing 1 2 output 3 input ncp1117 xta + + c out c in r1 remote load rw+ rw ? r2 thermal considerations this series contains an internal thermal limiting circuit that is designed to protect the regulator in the event that the maximum junction temperature is exceeded. when activated, typically at 175 c, the regulator output switches off and then back on as the die cools. as a result, if the device is continuously operated in an overheated condition, the output will appear to be oscillating. this feature provides protection from a catastrophic device failure due to accidental overheating. it is not intended to be used as a substitute for proper heatsinking. the maximum device power dissipation can be calculated by: p d  t j(max)  t a r  ja the devices are available in surface mount sot ? 223 and dpak packages. each package has an exposed metal tab that is specifically designed to reduce the junction to air thermal resistance, r  ja , by utilizing the printed circuit board copper as a heat dissipater. figures 21 and 22 show typical r  ja values that can be obtained from a square pattern using economical single sided 2.0 ounce copper board material. the final product thermal limits should be tested and quantified in order to insure acceptable performance and reliability. the actual r  ja can vary considerably from the graphs shown. this will be due to any changes made in the copper aspect ratio of the final layout, adjacent heat sources, and air flow.
ncp1117, ncv1117 http://onsemi.com 11 figure 27. constant current regulator figure 28. slow turn ? on regulator figure 29. regulator with shutdown figure 30. digitally controlled regulator figure 31. battery backed ? up power supply figure 32. adjusting output of fixed voltage regulators the 50  resistor that is in series with the ground pin of the upper regulator level shifts its output 300 mv higher than the lower regulator. this keeps the lower regulator off until the input source is removed. resistor r2 sets the maximum output voltage. each transistor reduces the output voltage when turned on. 1 2 constant current output 3 input ncp1117 xta ++ 10  f i out  v ref r  i adj 10  f r 1 2 output 3 input ncp1117 xta ++ 10  f 10  f 1n4001 r2 r1 10  f 50 k 2n2907 1 2 output 3 input ncp1117 xta ++ 10  f 10  f 120 2n2222 360 1.0 k 1.0 k output control on off 1 2 output 3 input ncp1117 xta ++ 10  f 10  f r1 2n2222 r2 1 50  2 output 3 input ncp1117 xt50 ++ 10  f 10  f + r chg 1 ncp1117 xt50 + 10  f ? 6.6 v 5.3 v ac line 5.0 v battery 1 2 output 3 input ncp1117 xt50 ++ 10  f + 10  f 10  f 2.0 k 5.0 v to 12 v v out(off)  v ref output voltage control 2 3
ncp1117, ncv1117 http://onsemi.com 12 ordering information device nominal output voltage package shipping ? ncp1117dta adjustable dpak 75 units / rail ncp1117dtag dpak (pb ? free) ncp1117dtark dpak 2500 / tape & reel ncp1117dtarkg dpak (pb ? free) ncp1117dtat5 dpak ncp1117dtat5g dpak (pb ? free) ncp1117stat3 sot ? 223 4000 / tape & reel ncp1117stat3g sot ? 223 (pb ? free) ncp1117dt12 12 dpak 75 units / rail ncp1117dt12g dpak (pb ? free) ncp1117dt12rk dpak 2500 / tape & reel ncp1117dt12rkg dpak (pb ? free) NCP1117ST12T3 sot ? 223 4000 / tape & reel NCP1117ST12T3g sot ? 223 (pb ? free) ncp1117dt15 1.5 dpak 75 units / rail ncp1117dt15g dpak (pb ? free) ncp1117dt15rk dpak 2500 / tape & reel ncp1117dt15rkg dpak (pb ? free) ncp1117st15t3 sot ? 223 4000 / tape & reel ncp1117st15t3g sot ? 223 (pb ? free) ncp1117dt18 1.8 dpak 75 units / rail ncp1117dt18g dpak (pb ? free) ncp1117dt18rk dpak 2500 / tape & reel ncp1117dt18rkg dpak (pb ? free) ncp1117dt18t5 dpak ncp1117dt18t5g dpak (pb ? free) ncp1117st18t3 sot ? 223 4000 / tape & reel ncp1117st18t3g sot ? 223 (pb ? free) ncp1117dt19rkg 1.9 dpak (pb ? free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix is for automotive and other applications requiring site and control changes.
ncp1117, ncv1117 http://onsemi.com 13 ordering information device shipping ? package nominal output voltage ncp1117dt20 2.0 dpak 75 units / rail ncp1117dt20g dpak (pb ? free) ncp1117dt20rk dpak 2500 / tape & reel ncp1117dt20rkg dpak (pb ? free) ncp1117st20t3 sot ? 223 4000 / tape & reel ncp1117st20t3g sot ? 223 (pb ? free) ncp1117dt25 2.5 dpak 75 units / rail ncp1117dt25g dpak (pb ? free) ncp1117dt25rk dpak 2500 / tape & reel ncp1117dt25rkg dpak (pb ? free) ncp1117dt25t5 dpak ncp1117dt25t5g dpak (pb ? free) ncp1117st25t3 sot ? 223 4000 / tape & reel ncp1117st25t3g sot ? 223 (pb ? free) ncp1117dt285 2.85 dpak 75 units / rail ncp1117dt285g dpak (pb ? free) ncp1117dt285rk dpak 2500 / tape & reel ncp1117dt285rkg dpak (pb ? free) ncp1117st285t3 sot ? 223 4000 / tape & reel ncp1117st285t3g sot ? 223 (pb ? free) ncp1117dt33 3.3 dpak 75 units / rail ncp1117dt33g dpak (pb ? free) ncp1117dt33rk dpak 2500 / tape & reel ncp1117dt33rkg dpak (pb ? free) ncp1117dt33t5 dpak ncp1117dt33t5g dpak (pb ? free) ncp1117st33t3 sot ? 223 4000 / tape & reel ncp1117st33t3g sot ? 223 (pb ? free) ncp1117dt50 5.0 dpak 75 units / rail ncp1117dt50g dpak (pb ? free) ncp1117dt50rk dpak 2500 / tape & reel ncp1117dt50rkg dpak (pb ? free) ncp1117st50t3 sot ? 223 4000 / tape & reel ncp1117st50t3g sot ? 223 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix is for automotive and other applications requiring site and control changes.
ncp1117, ncv1117 http://onsemi.com 14 ordering information device shipping ? package nominal output voltage ncv1117dtark* adjustable dpak 2500 / tape & reel ncv1117dtarkg* dpak (pb ? free) ncv1117stat3* sot ? 223 4000 / tape & reel ncv1117stat3g* sot ? 223 (pb ? free) ncv1117st12t3* 12 sot ? 223 ncv1117st12t3g* sot ? 223 (pb ? free) ncv1117dt15rk* 1.5 dpak 2500 / tape & reel ncv1117dt15rkg* dpak (pb ? free) ncv1117st15t3* sot ? 223 4000 / tape & reel ncv1117st15t3g* sot ? 223 (pb ? free) ncv1117dt18rkg* 1.8 dpak (pb ? free) 2500 / tape & reel ncv1117dt18t5* dpak ncv1117dt18t5g* dpak (pb ? free) ncv1117st18t3g* sot ? 223 (pb ? free) 4000 / tape & reel ncv1117dt20rk* 2.0 dpak 2500 / tape & reel ncv1117dt20rkg* dpak (pb ? free) ncv1117st20t3* sot ? 223 4000 / tape & reel ncv1117st20t3g* sot ? 223 (pb ? free) ncv1117dt25rk* 2.5 dpak 2500 / tape & reel ncv1117dt25rkg* dpak (pb ? free) ncv1117st25t3* sot ? 223 4000 / tape & reel ncv1117st25t3g* sot ? 223 (pb ? free) ncv1117dt33t5* 3.3 dpak 2500 / tape & reel ncv1117dt33t5g* dpak (pb ? free) ncv1117st33t3* 3.3 sot ? 223 4000 / tape & reel ncv1117st33t3g* sot ? 223 (pb ? free) ncv1117dt50rk* 5.0 dpak 2500 / tape & reel ncv1117dt50rkg* dpak (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix is for automotive and other applications requiring site and control changes.
ncp1117, ncv1117 http://onsemi.com 15 117ajg alyww 17 ? 15g alyww 17 ? 18g alyww 117 ? 2g alyww 17 ? 25g alyww 17285g alyww 17 ? 33g alyww 117 ? 5g alyww 17 ? 12g alyww ayw 117a   1 sot ? 223 st suffix case 318h a = assembly location l = wafer lot y = year ww, w = work week  or g = pb ? free package marking diagrams ? ncp prefix dpak dt suffix case 369c 23 1 2 31 2 31 2 31 2 31 2 3 1 2 31 2 31 2 31 2 3 adjustable 1.5 v 1.8 v 2.0 v 2.5 v 2.85 v 3.3 v 5.0 v 12 v adjustable 1.5 v 1.8 v 2.0 v 2.5 v 2.85 v 3.3 v 5.0 v 12 v (note: microdot may be in either location) ayw 1715   1 23 ayw 1718   1 23 ayw 1172   1 23 ayw 1725   1 23 ayw 7285   1 23 ayw 1733   1 23 ayw 1175   1 23 ayw 1712   1 23 1.9 v ayw 1719   1 23 17 ? 19g alyww 1 2 3 1.9 v
ncp1117, ncv1117 http://onsemi.com 16 17ajvg alyww 1715vg alyww 1718vg alyww 1172vg alyww 1725vg alyww 1733vg alyww 1175vg alyww ayw 117av   1 sot ? 223 st suffix case 318h a = assembly location l = wafer lot y = year ww, w = work week  or g = pb ? free package marking diagrams ? ncv prefix dpak dt suffix case 369c 23 1 2 31 2 31 2 31 2 3 1 2 3 1 2 31 2 3 adjustable 1.5 v 2.0 v 2.5 v 3.3 v 12 v adjustable 1.5 v 1.8 v 2.0 v 2.5 v 3.3 v 5.0 v (note: microdot may be in either location) ayw 1715v   1 23 ayw 1172v   1 23 ayw 1725v   1 23 ayw 1733v   1 23 ayw 1712v   1 23 1.8 v ayw 1718v   1 23
ncp1117, ncv1117 http://onsemi.com 17 package dimensions sot ? 223 st suffix case 318h ? 01 issue o notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.23 per side. 4. dimensions b and b2 do not include dambar protrusion. allowable dambar protrusion shall be 0.08 total in excess of the b and b2 dimensions at maximum material condition. 5. terminal numbers are shown for reference only. 6. dimensions d and e1 are to be determined at datum plane h. dim min max millimeters a --- 1.80 a1 0.02 0.11 b 0.60 0.88 b1 0.60 0.80 b2 2.90 3.10 b3 2.90 3.05 c 0.24 0.35 c1 0.24 0.30 d 6.30 6.70 e 6.70 7.30 e1 3.30 3.70 e 2.30 e1 4.60 l 0.25 ---
0 10
 c1 e h m 0.2 c c a s b b b a a m 0.1 c s a s b e1 b d 4 3 2 1 e e1 m 0.1 c s a s b b2 b a 0.08 a1 c b1 (b) (b2) b3 section b ? bl ?? ?????? ? a 1.5 0.059  mm inches  scale 6:1 3.8 0.15 2.0 0.079 6.3 0.248 2.3 0.091 2.3 0.091 2.0 0.079 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
ncp1117, ncv1117 http://onsemi.com 18 package dimensions dpak dt suffix case 369c ? 01 issue o 5.80 0.228 2.58 0.101 1.6 0.063 6.20 0.244 3.0 0.118 6.172 0.243  mm inches  scale 3:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* d a k b r v s f l g 2 pl m 0.13 (0.005) t e c u j h ? t ? seating plane z dim min max min max millimeters inches a 0.235 0.245 5.97 6.22 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.045 0.94 1.14 g 0.180 bsc 4.58 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.102 0.114 2.60 2.89 l 0.090 bsc 2.29 bsc r 0.180 0.215 4.57 5.45 s 0.025 0.040 0.63 1.01 u 0.020 ??? 0.51 ??? v 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 123 4 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. ncp1117/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP1117ST12T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X